Part Number Hot Search : 
EPC1064V 102C03 50020 00M63X 2NBBB D1117 NCH060A3 20600
Product Description
Full Text Search
 

To Download ACI-E096250-1884 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ACI-E096250-1884
397 Route 281 - P.O. Box 1175 Tully, New York 13159-1175 Phone: 315 696-6676 Fax: 315 696 9923 Email: sales@acipower.com www.acipower.com
PRODUCT DATA SHEET
12/21/09
I-DRIVE, 24 WATT LED DRIVER
(Dual Channel 96V, 0-125mA)
GENERAL DESCRIPTION
The ACI-E096250-1884 represents the 5th generation of IDrive technology used for powering LED backlights. Operating as a true constant current source, the ACI-E096250-1884 is capable of driving the 15.0" XGA Optrex T-55534D150J-LW-A-ABN LCD panel. This driver provides a complete integrated solution that is regulated over an input range of +10V to +15V. Simple to connect and operate, this driver solution is capable of providing precise control to support dimming applications with a minimum of 3000:1. This unit features enable and intensity control inputs.
0.15 IN (X2) CON2 0.15 IN (X2)
*
*
0.062 IN (PCB)
3.25 IN
2.95 IN 0.128 IN DIA HOLE (X2) CON1 1.70 IN 2.00 IN 0.470 IN
MECHANICAL/ENVIRONMENTAL
Weight = 40 grams max. Altitude = 35,000 ft max. Humidity < 95% non-condensing Size (L x W x H) = 3.25 IN x 2.00 IN x 0.47 IN PCB thickness = 0.062 IN Mounting Holes = 0.128 IN diameter (X2) Input Power & Control Connector = CON1 LED Output Connector = CON2
INPUT CONNECTOR CON1 MOLEX 53261-1471 PIN# 1 2 3 4 5 6 7 8 9 10 11 12 13 14 FUNCTION +10 to +15V (PWR) +10 to +15V (PWR) +10 to +15V (PWR) +10 to +15V (PWR) GND (PWR) GND (PWR) GND (PWR) GND (PWR) ENABLE ICNTL TBD TBD +5VDC REF OUT GND (SIGNAL)
OUTPUT CONNECTOR CON2 MOLEX 53261-0571 PIN# 1 2 3 4 5 FUNCTION + LED (ANODE) + LED (ANODE) NC - LED (CATHODE) - LED (CATHODE)
Page 1 of 4
ACI-E096250-1884
397 Route 281 - P.O. Box 1175 Tully, New York 13159-1175 Phone: 315 696-6676 Fax: 315 696 9923 Email: sales@acipower.com www.acipower.com
PRODUCT DATA SHEET
12/21/09
MAXIMUM RATINGS*
Symbol Vin Vip Iop Pin Top Tstg Parameter Supply Voltage (Referenced to Ground) Voltage applied to any Input Pin (Referenced to Ground) Current sourced or sunk from any Output Control Pin Input Power (DC Input Voltage x DC Input Current) Operating Temperature (Still air ambient around Driver) Storage Temperature Value -0.7 to 20 -0.7 to 5.7 +/- 10 33 -30 to +85 -40 to +105 Unit Vdc Vdc mAdc W C C
*Maximum Ratings are those values beyond which damage to the driver may occur RECOMMENDED OPERATING CONDITIONS
Symbol Vin Vf Icntl Parameter Supply Voltage (Referenced to Ground) Series Connected Cumulative LED Forward-Drop Voltage LED Intensity Control Voltage Min 10.0 36 0.5 Max 15.0 110 4.5 Unit Vdc Vdc Vdc
ELECTRICAL CHARACTERISTICS
Vin = +12V, Vf = 96Vdc, Icntl = +4.5V, Enable = +5V unless otherwise specified Parameter Test Conditions Min Symbol OCV Open Circuit Voltage No Load 133 Iout Output Current (Per Channel) 118.7 Iadj Nominal Output Current Adjust Range Icntl(Pin 10)= 0 (Per Channel) +0.5V to +4.5V ENoff Enable Control, Unit Off ENon Enable Control, Unit ON 2.0 +5Vref +5V Output Reference Voltage 1K Ohm Load to 4.75 Ground (Pin 13) Iin Input Current Draw Iind Input Current Draw (Disabled) Enable (Pin 9) = 0V Eff Electrical Efficiency 81 Nom 140 125 Max 147 131.2 125 0.5 5.0 2.5 0.06 5.25 Unit Vdc mAdc mAdc Vdc Vdc Vdc Adc Adc %
Page 2 of 4
ACI-E096250-1884
397 Route 281 - P.O. Box 1175 Tully, New York 13159-1175 Phone: 315 696-6676 Fax: 315 696 9923 Email: sales@acipower.com www.acipower.com
PRODUCT DATA SHEET
12/21/09
LED Intensity vs Icntl
100 90 80 LED Intensity, % 70 60 50 40 30 20 10 0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 Icntrl, Volts
Page 3 of 4
ACI-E096250-1884
397 Route 281 - P.O. Box 1175 Tully, New York 13159-1175 Phone: 315 696-6676 Fax: 315 696 9923 Email: sales@acipower.com www.acipower.com
PRODUCT DATA SHEET
12/21/09
CONNECTION SCHEME TO DRIVE THE OPTREX T-55534D150J-LW-A-ABN PANEL USING THE ACI-E096250-1884 LED DRIVER
OPTREX T-55534D150J-LW-A-ABN CN2 ACI-E096250-1884 CON1
+10 to +15V (PWR) 1 +10 to +15V (PWR) 2 +10 to +15V (PWR) 3 +10 to +15V (PWR) 4 +10 to +15V (PWR) 5 GND (PWR) 6 GND (PWR) 7 GND (PWR) 8 GND (PWR) 9 Enable 10 ICNTL 11 TBD 12 TBD 13 +5VDC REF OUT 14 GND (SIGNAL) 1 NC 2 NC 3 LED C1 4 LED A1 5 LED A2 6 LED C2 7 LED C3 8 LED A3
CON2
+LED (ANODE) 1 +LED (ANODE) 2 NC 3 -LED (CATHODE) 4 -LED (CATHODE) 5
9 LED A4 10 LED C4
CN3
1 NC 2 NC 3 LED C1 4 LED A1 5 LED A2 6 LED C2
LED DRIVER INPUT CABLE ASSEMBLY (ACI part # 27-A0061)
7 LED C3 8 LED A3 9 LED A4 10 LED C4
LED DRIVER TO LCD PANEL CABLE ASSEMBLY (ACI part # 27-A0062)
Page 4 of 4


▲Up To Search▲   

 
Price & Availability of ACI-E096250-1884

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X